Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFB-6MU Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # VFB-6MU
Description  POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFB-6MU Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  VFB-6MU Datasheet HTML 1Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 2Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 3Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 4Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 5Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 6Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 7Page - Fujitsu Component Limited. VFB-6MU Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
VF SERIES
n
REFERENCE DATA
n
DIMENSIONS
l
Dimensions
l
Schematics
l
PC board mounting
hole layout
VF type
Unit: mm


Similar Part No. - VFB-6MU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFB-6MU FUJITSU-VFB-6MU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFB-6MU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56_08 Datasheet
509Kb / 9P
   COMPACT HIGH POWER RELAY 1 POLE-30 A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com