Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-12SMBU-NR-UC Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # VS-12SMBU-NR-UC
Description  POWER RELAY 1 POLE-15A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12SMBU-NR-UC Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button VS-12SMBU-NR-UC Datasheet HTML 2Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 3Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 4Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 5Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 6Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 7Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 8Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 9Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
VS-NR SERIES
Type
Compliance
Contactrating
UL
UL508
E56140
Flammability:UL94-V0(plastics)
Isolation:classB
10A,240VAC(resistive)
1/2hp,240VAC/120VAC
1/3hp,120VAC/240VAC
Pilotduty:B150
[TV-8]
15A,120VAC/24VDC(resistive)
1/3hp,240VAC/120VAC
CSA
C22.2No.14
LR35579
VDE
DINEN61810-1
15A250VAC(cosØ=1)
4.3A250VAC(cos=0.4)
15A24VDC(0ms)
15A/120VAC,250VAC
n
SAFETY STANDARDS
ComplieswithSEV,SEMKO,NEMKO,DEMKO,FIMKO,CQC,VDE,
n
INSULATION
Item
VS
Note
Resistance(initial)
Minimum 1,000 MΩ 1 min.
at500VDC
Dielectric
Strength
opencontacts
1,000VAC(50/60Hz)1min. 10mAdetectioncurrent
coilandcontacts
5,000VAC(50/60Hz)1min. 10mAdetectioncurrent
SurgeVoltage(coilandcontact)
10,000V
1.2x50µsstandardwave
Clearance/Creepage
8mm/8mm
Insulation(DINEN61810-1VDE0435)
Voltage
Pollution
Isolationmaterialgroup
250V
2
III


Similar Part No. - VS-12SMBU-NR-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMBU-NIM2 FUJITSU-VS-12SMBU-NIM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMBU-NSM2 FUJITSU-VS-12SMBU-NSM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
More results

Similar Description - VS-12SMBU-NR-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com