Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-12HE5-K-HV-VD Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # VE-12HE5-K-HV-VD
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-12HE5-K-HV-VD Datasheet(HTML) 8 Page - Fujitsu Component Limited.

  VE-12HE5-K-HV-VD Datasheet HTML 1Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 2Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 3Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 4Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 5Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 6Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 7Page - Fujitsu Component Limited. VE-12HE5-K-HV-VD Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
VE SERIES
Japan
Fujitsu Component Limited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo141,Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan25
2132WVHoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01CitilinkWarehouseComplex
Singapore118529
Tel:(65)6375-8560
Fax:(65)6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2007 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev.November29,2007


Similar Part No. - VE-12HE5-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12HE-K-HV-VD FUJITSU-VE-12HE-K-HV-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HE-K-VD FUJITSU-VE-12HE-K-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-12HE5-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com