Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-12A03L Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # SG-12A03L
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SG-12A03L Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  SG-12A03L Datasheet HTML 1Page - Fujitsu Component Limited. SG-12A03L Datasheet HTML 2Page - Fujitsu Component Limited. SG-12A03L Datasheet HTML 3Page - Fujitsu Component Limited. SG-12A03L Datasheet HTML 4Page - Fujitsu Component Limited. SG-12A03L Datasheet HTML 5Page - Fujitsu Component Limited. SG-12A03L Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SG SERIES
2
■ SPECIFICATIONS
AC
Item
Remarks
TYPE3A
INPUTside NominalVoltage(DC)
3V,5V,12V,24V
OperateRange
±20%ofnominalvoltage
MustOperateVoltage
80%ofnominalvoltage
MustReleaseVoltage
Minimum1V
3VDCType 130Ω±10%
5VDCType 330Ω±10%
InputImpedance
12VDCType 1.0kΩ±10%
24VDCType 2.2kΩ±10%
OUTPUTside LoadVoltageRange
75to265Vrms
MaximumLoadCurrent
3.0Arms
CHARACTERISTICDATA
MinimumLoadCurrent
10mArms
1CycleSurgeCurrent
132A(60Hz)
Max.Off-stateLeakageCurrent 2.5mArms(at100Vrms60Hz)
5.0mArms(at200Vrms60Hz)
Max.Off-stateVoltageDrop1.5Vrms
atmax.loadcurrent
Max.OperateTime atnozerocrosstype 1ms
atzerocrosstype1/2cycle+1ms
Max.ReleaseTime
1/2cycle+1ms
InsulationResistance
Minimum1,000MΩ(at500VDC)
forinput-output
DielectricStrength
2,500Vrmsfor1minute forinput-output
OperatingTemperatureRange
–30°Cto+85°C
StorageTemperatureRange
–40°Cto+100°C
CaseColor
Black
Weight
Approximately13g
■ BLOCK DIAGRAM
LOAD INSULATION
CIRCUITS
Input/Outputwaveform
(resistiveload)
AC
Photo-triaccoupler
2+
Input
terminal
Input
circuit
Photo-triac coupler
1–
Output
terminal
~3
~4
ON
OFF
Source voltage
of load
Input signal
Load current
Item
AC3.0Atype
Note
Resistance(initial)
Minimum1,000MΩ(500VDC)
Input-output
SurgeVoltage
2,500Vrms1min.
n
INSULATION


Similar Part No. - SG-12A03L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SG-1 APITECH-SG-1 Datasheet
28Kb / 1P
   OUTLINE DRAWING SG-1
logo
Beijing Yaohuadechang E...
SG-1.5KVA YHDC-SG-1.5KVA Datasheet
12Mb / 1P
   Ground terminal SG series three-phase machine tool transformer
logo
Epson Company
SG-10 EPSON-SG-10 Datasheet
30Kb / 1P
   SIP LOW/MEDIUM-FREQUENCY CRYSTAL OSCILLATOR
logo
KODENSHI_AUK CORP.
SG-103 KODENSHI-SG-103 Datasheet
223Kb / 2P
   Photointerrupters(Reflective)
SG-105 KODENSHI-SG-105 Datasheet
279Kb / 2P
   Photointerrupters(Reflective)
More results

Similar Description - SG-12A03L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com