Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-3D01HZ Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # SJ-3D01HZ
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SJ-3D01HZ Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  SJ-3D01HZ Datasheet HTML 1Page - Fujitsu Component Limited. SJ-3D01HZ Datasheet HTML 2Page - Fujitsu Component Limited. SJ-3D01HZ Datasheet HTML 3Page - Fujitsu Component Limited. SJ-3D01HZ Datasheet HTML 4Page - Fujitsu Component Limited. SJ-3D01HZ Datasheet HTML 5Page - Fujitsu Component Limited. SJ-3D01HZ Datasheet HTML 6Page - Fujitsu Component Limited. SJ-3D01HZ Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SJ SERIES
n
BLOCK DIAGRAM
n
CHARACTERISTIC DATA
LOAD
INSULATIONCIRCUITS
Input/Output waveform
(resistive load)
AC
Photo-triaccoupler
DC
Photo-transistor
coupler
n
REFERENCE DATA
8+
Input
terminal
Input
circuit
Photo-triac coupler
Photo-transistor coupler
Input
circuit
8+
Input
terminal
Output
terminal
Output
terminal
+16
Ð13
~16
~13
ON
OFF
Source voltage
of load
Input signal
Load current
ON
OFF
Input signal
Load current


Similar Part No. - SJ-3D01HZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3501-SMT CUI-SJ-3501-SMT Datasheet
234Kb / 3P
   MID MOUNT AUDIO JACK
SJ-3501-SMT-TR CUI-SJ-3501-SMT-TR Datasheet
372Kb / 4P
   MID MOUNT AUDIO JACK
logo
CUI Devices
SJ-3501-SMT-TR CUID-SJ-3501-SMT-TR Datasheet
402Kb / 4P
   MID MOUNT AUDIO JACK
11/16/2022
logo
CUI INC
SJ-3502-SMT CUI-SJ-3502-SMT Datasheet
185Kb / 3P
   mid mount for low profile applications
SJ-3502-SMT-TR CUI-SJ-3502-SMT-TR Datasheet
401Kb / 4P
   MID MOUNT AUDIO JACK
More results

Similar Description - SJ-3D01HZ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com