Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY-12W-K Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # SY-12W-K
Description  MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SY-12W-K Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  SY-12W-K Datasheet HTML 1Page - Fujitsu Component Limited. SY-12W-K Datasheet HTML 2Page - Fujitsu Component Limited. SY-12W-K Datasheet HTML 3Page - Fujitsu Component Limited. SY-12W-K Datasheet HTML 4Page - Fujitsu Component Limited. SY-12W-K Datasheet HTML 5Page - Fujitsu Component Limited. SY-12W-K Datasheet HTML 6Page - Fujitsu Component Limited. SY-12W-K Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SY SERIES
n
COIL DATA CHART
MODEL
Nominal
Coil resistance Must operate
Must release
Nominal
voltage
(±10%)
voltage
voltage
power
Single
Bifurcated
SY-1.5-K
SY-1.5W-K
1.5 VDC
15 Ω
1.05 VDC
0.08 VDC
150 mW
SY- 3 -K
SY- 3 W-K
3 VDC
60 Ω
2.1 VDC
0.15 VDC
150 mW
SY-4.5-K
SY-4.5W-K
4.5 VDC
135 Ω
3.2 VDC
0.23 VDC
150 mW
SY- 5 -K
SY- 5 W-K
5 VDC
167 Ω
3.5 VDC
0.25 VDC
150 mW
SY- 6 -K
SY- 6 W-K
6 VDC
240 Ω
4.2 VDC
0.3 VDC
150 mW
SY- 9 -K
SY- 9 W-K
9 VDC
540 Ω
6.3 VDC
0.45 VDC
150 mW
SY-12 -K
SY-12 W-K
12 VDC
960 Ω
8.4 VDC
0.6 VDC
150 mW
SY-18 -K
SY-18 W-K
18 VDC
1,940 Ω
12.6 VDC
0.9 VDC
170 mW
SY-24 -K
SY-24 W-K
24 VDC
3,290 Ω
16.8 VDC
1.2 VDC
175 mW
Note:Allvaluesinthetablearemeasuredat20°C.


Similar Part No. - SY-12W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
logo
FOTEK CONTROLS CO., LTD...
SY-2D FOTEK-SY-2D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
SY-3D FOTEK-SY-3D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
SY-4D FOTEK-SY-4D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
logo
Nel Frequency Controls,...
SY-A6A70 NEL-SY-A6A70 Datasheet
28Kb / 2P
   Frequency Selectable Differential Sine Wave
More results

Similar Description - SY-12W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
UM1L-D12W-K FUJITSU-UM1L-D12W-K Datasheet
442Kb / 8P
   MINIATURE RELAY 1 POLE, 0.5A (HIGH FREQUENCE SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
RY FUJITSU-RY Datasheet
450Kb / 10P
   2 POLES - 1 to 2A (for signal switching)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com