Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE-3A02F Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # SE-3A02F
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SE-3A02F Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  SE-3A02F Datasheet HTML 1Page - Fujitsu Component Limited. SE-3A02F Datasheet HTML 2Page - Fujitsu Component Limited. SE-3A02F Datasheet HTML 3Page - Fujitsu Component Limited. SE-3A02F Datasheet HTML 4Page - Fujitsu Component Limited. SE-3A02F Datasheet HTML 5Page - Fujitsu Component Limited. SE-3A02F Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(a)
SeriesName
SE :SESeries
3:3VDC
(b) NominalVoltage(Inputside)
5:5VDC
12:12VDC
24:24VDC
(c)
LoadVoltage
A
:ACtype
(d)
LoadCurrent
015 :1.5A
02 :2.0A
(e) OutputProtection
Nil:Novaristor
V
:Varistortype(2.0Atypeonly)
(f) ZeroCrossCircuit
F: Nozerocrosstype
C: Zerocrosstype
n
FEATURES
l
ConformstoUL,CSAstandards
l
Ultraslimandlightweight,SILterminalstype
—Size:5.0(W)× 20.0(L)× 17.0(H)mm
—Weight:approximately4.0g
l
Highreliability,longlifeandmaintenancefree
l
Highisolation(betweeninputandoutput)
—Dielectricstrength:2,500Vrms
l
Internalzerocrosscircuittypeavailable
l
RoHScompliantsincedatecode:6522(May22nd,2006)
Pleaseseepage5formoreinformation
n
ORDERING INFORMATION
SE SERIES
SOLID STATE RELAY
MAXIMUM LOAD CURRENT 1.5 A / 2A
1
SE – 12 A02VF
[Example]
(a)(b) (c) (d)(e)(f)
RoHS compliant


Similar Part No. - SE-3A02F

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SE-3/4 FESTO-SE-3/4 Datasheet
92Kb / 1P
   Quick exhaust valve
4/11/22
SE-3/8-B FESTO-SE-3/8-B Datasheet
101Kb / 1P
   Quick exhaust valve
4/11/22
logo
Littelfuse
SE-325 LITTELFUSE-SE-325 Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
SE-325D LITTELFUSE-SE-325D Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
SE-325E LITTELFUSE-SE-325E Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
More results

Similar Description - SE-3A02F

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
logo
Picker Components
PCS20 PICKER-PCS20_17 Datasheet
2Mb / 2P
   1.5 Amp Solid State Relay
logo
Micropac Industries
53246 MICROPAC-53246 Datasheet
153Kb / 7P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53257 MICROPAC-53257 Datasheet
119Kb / 4P
   RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com