Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF54 Datasheet(PDF) 2 Page - Diotech Company.

Part # SF54
Description  SUPER FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SF54 Datasheet(HTML) 2 Page - Diotech Company.

  SF54 Datasheet HTML 1Page - Diotech Company. SF54 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF51 THRU SF58
RATINGS AND CHARACTERISTIC CURVES
5
4
3
2
1
0
0
25
50
75
100
125
150
175
150
125
100
75
50
25
0.01
0.1
1
10
100
100
10
1
0.1
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
SF51-SF54
SF55-SF58
TJ=100 C
TJ=25 C
0.1
1.0
10
100
TJ=25 C
2
20
200
400
SF51-SF54
SF55-SF58
REVERSE VOLTAGE,VOLTS
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE


Similar Part No. - SF54

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SF54 DACHANG-SF54 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Mospec Semiconductor
SF54 MOSPEC-SF54 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Guangdong Juxing Electr...
SF54 JUXING-SF54 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Taiwan Semiconductor Co...
SF54 TSC-SF54 Datasheet
67Kb / 2P
   5.0 AMPS. Super Fast Rectifiers
logo
Shenzhen Ping Sheng Ele...
SF54 PFS-SF54 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF54

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
SF22 DIOTECH-SF22 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF805 DIOTECH-MURF805 Datasheet
718Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
SF32 DIOTECH-SF32 Datasheet
678Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
MURF2005CT DIOTECH-MURF2005CT Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Kersemi Electronic Co.,...
MURF1005 KERSEMI-MURF1005 Datasheet
1Mb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
SF21 DIOTECH-SF21 Datasheet
663Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF1005 DIOTECH-MURF1005 Datasheet
656Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
MURF2005 DIOTECH-MURF2005 Datasheet
1,004Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com