Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC606 Datasheet(PDF) 2 Page - Diotech Company.

Part # KBPC606
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

KBPC606 Datasheet(HTML) 2 Page - Diotech Company.

  KBPC606 Datasheet HTML 1Page - Diotech Company. KBPC606 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBPC6005 THRU KBPC610
RATINGS AND CHARACTERISTIC CURVES
0.01
0.1
1.0
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0
25
50
75
100
125
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms Single half-sine-wave
T = 125°C
J
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE (°C)
C
Fig. 1 Forward Current Derating Curve
Resistive or
Inductive Load
Mounted on
Metal Chassis
Mounted on
PC Board
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100°C
j
T = 25°C
j


Similar Part No. - KBPC606

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC606 WTE-KBPC606 Datasheet
40Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
KBPC606 NJSEMI-KBPC606 Datasheet
45Kb / 1P
   6.0A SINGLE - PHASE SILICON BRIDGE
logo
Diotec Semiconductor
KBPC606 DIOTEC-KBPC606 Datasheet
131Kb / 2P
   Silicon-Bridge-Rectifiers
logo
SynSemi, Inc.
KBPC606 SYNSEMI-KBPC606 Datasheet
395Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Jinan Gude Electronic D...
KBPC606 JGD-KBPC606 Datasheet
131Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBPC606

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com