Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER207 Datasheet(PDF) 2 Page - Diotech Company.

Part # HER207
Description  HIGH EFFICIENT SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

HER207 Datasheet(HTML) 2 Page - Diotech Company.

  HER207 Datasheet HTML 1Page - Diotech Company. HER207 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER201 THRU HER208
RATINGS AND CHARACTERISTIC CURVES
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
0
0.5
1.0
1.5
2.0
2.5
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
1.0
2.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width= 300 s
µ
HER201 -HER204
HER206 - HER208
HER205
0
20
40
60
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
0
0
1
0
1
1
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
HER201 -HER205
HER206 -HER208


Similar Part No. - HER207

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER207 DACHANG-HER207 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Won-Top Electronics
HER207 WTE-HER207 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER207 JUXING-HER207 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
Shanghai Shunye Electro...
HER207 SHUNYE-HER207 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER207 MCC-HER207 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER207

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER501 DIOTECH-HER501 Datasheet
887Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
HER101 DIOTECH-HER101 Datasheet
830Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
HER301 DIOTECH-HER301 Datasheet
820Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
HER601 DIOTECH-HER601 Datasheet
899Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
SUF4001 TAYCHIPST-SUF4001 Datasheet
10Mb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com