Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ808 Datasheet(PDF) 2 Page - Diotech Company.

Part # GBJ808
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GBJ808 Datasheet(HTML) 2 Page - Diotech Company.

  GBJ808 Datasheet HTML 1Page - Diotech Company. GBJ808 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBJ8005 THRU GBJ810
RATINGS AND CHARACTERISTIC CURVES
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6 1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
T = 25 C
j
°
Pulse width= 300 s
µ
0
40
80
120
160
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T = 150 C
j
°
Single half-sine-wave
(JEDEC method)
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f= 1MHz
T = 25 C
j
°
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 50 C
j
°
T = 125 C
j
°
T = 100 C
j
°
T = 25 C
j
°
0
2
4
10
25
50
75
100
125
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
8
6
With heatsink
Without heatsink
Resistive or
Inductive load


Similar Part No. - GBJ808

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ808 DIODES-GBJ808 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
logo
DIYI Electronic Technol...
GBJ808 DYELEC-GBJ808 Datasheet
3Mb / 2P
   SINGLE PHASE 8.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
GBJ808 SAMYANG-GBJ808 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ808 MCC-GBJ808 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Kingtronics Internation...
GBJ808 KINGTRONICS-GBJ808 Datasheet
382Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 8.0 Ampere
More results

Similar Description - GBJ808

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com