Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1502 Datasheet(PDF) 1 Page - Diotech Company.

Part # GBJ1502
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GBJ1502 Datasheet(HTML) 1 Page - Diotech Company.

  GBJ1502 Datasheet HTML 1Page - Diotech Company. GBJ1502 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ15005 THRU GBJ1510
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 15.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Glass passivated chip junction
Ideal for printed circuit board
Low reverse leakage current
Low forward voltage drop
Case:Molded plastic, GBJ
Terminals: Terminals: Leads solderable per MIL-STD-202
method 208 guaranteed
Epoxy: UL 94V-0 rate flame retardant
Mounting Position: Any
Reliable low cost construction utilizing molded
plastic technique
Dimensions in inches and (millimeters)
High surge current capabiliy
Parameter
Symbols
GBJ
15005
GBJ
1501
GBJ
1502
GBJ
1504
GBJ
1506
GBJ
1508
GBJ
1510
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current with
Heatsink at TC = 100 OC
I(AV)
15
A
Peak Forward Surge Current, 8.3 ms Single Half-Sine
-Wave superimposed on rated load (JEDEC Method)
IFSM
200
A
Maximum Forward Voltage at 7.5 A DC and 25 OC
VF
1.1
V
Maximum Reverse Current at TA = 25OC
at Rated DC Blocking Voltage TA = 125OC
IR
10
500
µA
Typical Junction Capacitance 1)
CJ
60
pF
Typical Thermal Resistance 2)
RθJC
0.8
O
C/W
Operating and Storage Temperature Range
TJ,TS
-55 to +150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Thermal resistance from junction to case with device mounted on 300 mm X 300 mm X 1.6 mm Cu plate
heatsink.
GBJ


Similar Part No. - GBJ1502

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
GBJ1502 BYTESONIC-GBJ1502 Datasheet
412Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ1502 DIODES-GBJ1502 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Micro Commercial Compon...
GBJ1502 MCC-GBJ1502 Datasheet
108Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DIYI Electronic Technol...
GBJ1502 DYELEC-GBJ1502 Datasheet
3Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
GBJ1502 CHENDA-GBJ1502 Datasheet
546Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBJ1502

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com