Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ206 Datasheet(PDF) 1 Page - Diotech Company.

Part # GBJ206
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GBJ206 Datasheet(HTML) 1 Page - Diotech Company.

  GBJ206 Datasheet HTML 1Page - Diotech Company. GBJ206 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ2005 THRU GB210
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Glass passivated chip junction
Ideal for printed circuit board
Low reverse leakage current
Low forward voltage drop
Case:Molded plastic, GBJ
Terminals: Terminals: Leads solderable per MIL-STD-202
method 208 guaranteed
Epoxy: UL 94V-0 rate flame retardant
Mounting Position: Any
Reliable low cost construction utilizing molded
plastic technique
Dimensions in inches and (millimeters)
High surge current capabiliy
Parameter
Symbols
GBJ
2005
GBJ
201
GBJ
202
GBJ
204
GBJ
206
GBJ
208
GBJ
210
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current with
Heatsink at TC = 50 OC
I(AV)
2
A
Peak Forward Surge Current, 8.3 ms Single Half-Sine
-Wave superimposed on rated load (JEDEC Method)
IFSM
60
A
Maximum Forward Voltage at 2.0 A DC and 25 OC
VF
1.1
V
Maximum Reverse Current at TA = 25OC
at Rated DC Blocking Voltage TA = 125OC
IR
5.0
300
µA
Typical Junction Capacitance 1)
CJ
40
pF
Typical Thermal Resistance 2)
RθJC
12
O
C/W
Operating and Storage Temperature Range
TJ,TS
-55 to +150
O
C
Note: 1. Mounted on 75 x 75 x 3.0mm Al. plate.
2. Mounted on PCB at 9.5mm lead length with 12mm2 copper pad.
GBJ2
.015(0.38)
.020(0.51)
.035(0.9)
.043(1.1)
.44(11.2)
.42(10.7)
.50(12.7)
.56(14.2)
.035(0.90)
.045(1.14)
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.77(19.6)
.81(20.6)
.106(2.7)
.091(2.3)
.055(1.4)
.047(1.2)
.142(3.6)
.133(3.4)
.190
.210
(4.8)
(5.3)
.125(3.17)
*45°
Chamfer


Similar Part No. - GBJ206

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ206 SECOS-GBJ206 Datasheet
301Kb / 2P
   2.0AMP Glass Passivated Bridge Rectifiers
logo
Shanghai Shunye Electro...
GBJ206 SHUNYE-GBJ206 Datasheet
127Kb / 2P
   GLASS PASSIVATED BRIDGE
logo
Yangzhou yangjie electr...
GBJ206 YANGJIE-GBJ206 Datasheet
103Kb / 2P
   Bridge Rectifier
logo
SAMYANG ELECTRONICS CO....
GBJ206 SAMYANG-GBJ206 Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
RFE international
GBJ206 RFE-GBJ206 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-18-2023
More results

Similar Description - GBJ206

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com