Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5382B Datasheet(PDF) 3 Page - Diotech Company.

Part # 1N5382B
Description  5W SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N5382B Datasheet(HTML) 3 Page - Diotech Company.

  1N5382B Datasheet HTML 1Page - Diotech Company. 1N5382B Datasheet HTML 2Page - Diotech Company. 1N5382B Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
1N5333B THRU 1N5388B
0.2
0.5
1
2
5
10
20
0.01
0.1
1
10
100
0.001
0.005
0.05
0.5
5
50
DUTY CYCLE , D = t1/t2
SINGLE PULSE ∆ TJLJL(t)PPK
REPETITIVE PULSE ∆ TJL JL(t,D)PPK
NOTE:BELOW 0.1 SECOND, THERMAL
RESPONSE CURVE IS APPLICABLE
TO ANY LEAD LENGTH (L)
D=0
D=0.01
D=0.05
D=0.1
D=0.2
D=0.5
t,TIME (SECONDS)
Fig 2. Typical Thermal Response L, Lead Length = 3/8 Inch
40
20
10
4
2
1
0.4
0.2
0.1
3 4
6 8 10
20 30 40
80 100
200
PW=1 ms*
PW=8.3 ms*
PW=100 ms*
PW=1000 ms*
*SQURE WAVE
NORMINAL Vz (V)
Fig.3 Maximum Non-Repetitive Surg Current
versus Nominal Zener Voltage
0.1
0.2
0.5
1
2
5
10
20
30
1
10
100
1000
Vz = 3.3 V
Vz = 200 V
PW, PULSE WIDTH (ms)
Fig. 4 Peak Surg Current versus
Pulse Width
t2
t1
PPK


Similar Part No. - 1N5382B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5382B MOTOROLA-1N5382B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Tiger Electronic Co.,Lt...
1N5382B TGS-1N5382B Datasheet
811Kb / 5P
   Silicon planar power zener diodes
logo
Semikron International
1N5382B SEMIKRON-1N5382B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Anova Technologies CO.,...
1N5382B ANOVA-1N5382B Datasheet
242Kb / 3P
   Axial Lead Zener Diodes
logo
Frontier Electronics.
1N5382B FRONTIER-1N5382B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5382B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com