Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX6V2 Datasheet(PDF) 3 Page - Diotech Company.

Part # BZX6V2
Description  1.3W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

BZX6V2 Datasheet(HTML) 3 Page - Diotech Company.

  BZX6V2 Datasheet HTML 1Page - Diotech Company. BZX6V2 Datasheet HTML 2Page - Diotech Company. BZX6V2 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
BZX85C3V3 THRU BZX85C56
Characteristics (Tj=25℃ unless otherwise specified)
l – Lead Length (mm)
Tamb – Ambient Temperature(℃)
Figure2. Thermal Resistance vs. Lead Length
Figure1.Total Power Dissipation vs. Ambient
Temperature
Vz-Z-Voltage (V)
Vz-Z-Voltage (V)
Figure4.Differential Z-Resistance vs.Z-Voltage
Figure3. Diode Capacitance vs. Z-Voltage
tp –Pulse Length (ms)
Figure5. Thermal Response
VR=0V
VR=2V
VR=5V
VR=20V
VR=30V


Similar Part No. - BZX6V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX6V2 ETC1-BZX6V2 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
More results

Similar Description - BZX6V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_11 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
Rectron Semiconductor
BZX85C2V7 RECTRON-BZX85C2V7 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Jinan Jing Heng Electro...
BZX85-C2V7 JINGHENG-BZX85-C2V7 Datasheet
344Kb / 5P
   1.3W SILICON PLANAR ZENER DIODES
ZM1-3C2V7 JINGHENG-ZM1-3C2V7 Datasheet
70Kb / 2P
   1.3W SILICON PLANAR ZENER DIODES
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Central Semiconductor C...
BZX85C3V3 CENTRAL-BZX85C3V3 Datasheet
515Kb / 2P
   SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com