Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F827DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # N74F827DB
Description  10-bit buffer/line driver; non-inverting; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

N74F827DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button N74F827DB Datasheet HTML 2Page - NXP Semiconductors N74F827DB Datasheet HTML 3Page - NXP Semiconductors N74F827DB Datasheet HTML 4Page - NXP Semiconductors N74F827DB Datasheet HTML 5Page - NXP Semiconductors N74F827DB Datasheet HTML 6Page - NXP Semiconductors N74F827DB Datasheet HTML 7Page - NXP Semiconductors N74F827DB Datasheet HTML 8Page - NXP Semiconductors N74F827DB Datasheet HTML 9Page - NXP Semiconductors N74F827DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74F827_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 29 January 2010
6 of 13
NXP Semiconductors
74F827
10-bit buffer/line driver; non-inverting; 3-state
11. Waveforms
tPHL
HIGH to LOW
propagation delay
An to Yn; see Figure 5
CL = 50 pF
2.0
4.5
8.5
2.0
9.0
ns
CL = 300 pF, 1 output switching
-
7.5
10.0
-
11.0
ns
CL = 300 pF, 10 outputs switching
-
14.0
17.0
-
18.0
ns
tPZH
OFF-state to HIGH
propagation delay
OEn to Yn; see Figure 6
CL = 50 pF
5.0
8.0
12.0
4.5
14.0
ns
CL = 300 pF, 1 output switching
-
15.0
20.0
-
21.0
ns
CL = 300 pF, 10 outputs switching
-
15.0
20.0
-
21.0
ns
tPZL
OFF-state to LOW
propagation delay
OEn to Yn; see Figure 6
CL = 50 pF
4.0
6.0
10.5
4.0
11.5
ns
CL = 300 pF, 1 output switching
-
9.5
13.0
-
14.0
ns
CL = 300 pF, 10 outputs switching
-
17.0
21.0
-
21.5
ns
tPHZ
HIGH to OFF-state
propagation delay
OEn to Yn; see Figure 6
CL = 50 pF
2.5
5.0
8.0
2.0
8.5
ns
CL = 300 pF, 1 output switching
-
15.0
19.0
-
20.0
ns
CL = 300 pF, 10 outputs switching
-
15.0
19.0
-
20.0
ns
tPLZ
LOW to OFF-state
propagation delay
OEn to Yn; see Figure 6
CL = 50 pF
2.5
5.0
8.0
2.0
8.5
ns
CL = 300 pF, 1 output switching
-
9.5
13.5
-
14.0
ns
CL = 300 pF, 10 outputs switching
-
12.5
15.5
-
16.0
ns
Table 7.
Dynamic characteristics …continued
GND = 0 V; for test circuit, see Figure 7.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
0
°C to 70 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay input (An) to output (Yn)
001aal244
An input
Yn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL


Similar Part No. - N74F827DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F827DB PHILIPS-N74F827DB Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
More results

Similar Description - N74F827DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com