Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F269DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # N74F269DB
Description  8-bit bidirectional binary counter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

N74F269DB Datasheet(HTML) 5 Page - NXP Semiconductors

  N74F269DB Datasheet HTML 1Page - NXP Semiconductors N74F269DB Datasheet HTML 2Page - NXP Semiconductors N74F269DB Datasheet HTML 3Page - NXP Semiconductors N74F269DB Datasheet HTML 4Page - NXP Semiconductors N74F269DB Datasheet HTML 5Page - NXP Semiconductors N74F269DB Datasheet HTML 6Page - NXP Semiconductors N74F269DB Datasheet HTML 7Page - NXP Semiconductors N74F269DB Datasheet HTML 8Page - NXP Semiconductors N74F269DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74F269_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
5 of 19
NXP Semiconductors
74F269
8-bit bidirectional binary counter
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
One FAST Unit Load (UL) is defined as 20
μA in HIGH state, 0.6 μA in LOW state.
Fig 5.
Pin configuration SO24 and SSOP24 package
74F269
U/D
PE
Q0
D0
Q1
D1
Q2
D2
Q3
D3
Q4
VCC
GND
D4
Q5
D5
Q6
D6
Q7
D7
CP
TC
CEP
CET
001aai981
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
Table 2.
Pin description
Symbol
Pin
Description
Unit load
HIGH/LOW
Load value[1]
HIGH/LOW
U/D
1
up or down count control input
1.0/1.0
20
μA/0.6 mA
Q0 to Q7
2, 3, 4, 5, 6, 8, 9, 10
data output
50/33
1.0 mA/20 mA
GND
7
ground (0 V)
-
-
CP
11
clock input
1.0/1.0
20
μA/0.6 mA
CEP
12
count enable parallel input (active LOW)
1.0/1.0
20
μA/0.6 mA
CET
13
count enable trickle input (active LOW)
1.0/1.0
20
μA/0.6 mA
TC
14
terminal count output (active LOW)
50/33
1.0 mA/20 mA
D0 to D7
23, 22, 21, 20, 18, 17, 16, 15
data input
1.0/1.0
20
μA/0.6 mA
VCC
19
supply voltage
-
-
PE
24
parallel enable input (active LOW)
1.0/1.0
20
μA/0.6 mA


Similar Part No. - N74F269DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F269DB PHILIPS-N74F269DB Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
More results

Similar Description - N74F269DB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com