Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH2T45 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AVCH2T45
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH2T45 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AVCH2T45 Datasheet HTML 7Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 8Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 9Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 10Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 11Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 12Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 13Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 14Page - NXP Semiconductors 74AVCH2T45 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
74AVCH2T45_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
11 of 31
NXP Semiconductors
74AVCH2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
VCC(A) = 0.8 V
tpd
propagation delay
A to B; see Figure 6
[2]
VCC(B) = 0.8 V
-
15.8
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
8.4
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
8.0
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
8.0
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
8.7
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
9.5
-
-
-
-
ns
B to A; see Figure 6
[2]
VCC(B) = 0.8 V
-
15.8
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
12.7
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
12.4
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
12.2
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
12.0
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
11.8
-
-
-
-
ns
tdis
disable time
DIR to A; see Figure 7
[3]
VCC(B) = 0.8 V
-
12.2
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
12.2
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
12.2
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
12.2
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
12.2
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
12.2
-
-
-
-
ns
DIR to B; see Figure 7
[3]
VCC(B) = 0.8 V
-
11.7
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
7.9
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
7.6
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
8.2
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
8.7
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
10.2
-
-
-
-
ns


Similar Part No. - 74AVCH2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45DC PHILIPS-74AVCH2T45DC Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45DC NEXPERIA-74AVCH2T45DC Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
More results

Similar Description - 74AVCH2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com