Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2GU04 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP2GU04
Description  Low-power dual unbuffered inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2GU04 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP2GU04 Datasheet HTML 3Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 4Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 5Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 6Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 9Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 10Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AUP2GU04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
7 of 16
NXP Semiconductors
74AUP2GU04
Low-power dual unbuffered inverter
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
All specified values are the average typical values over all stated loads.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
CL = 15 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
13.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
1.6
3.8
7.9
1.4
8.8
9.7
ns
VCC = 1.4 V to 1.6 V
1.3
2.8
4.9
1.1
5.7
6.3
ns
VCC = 1.65 V to 1.95 V
1.0
2.3
4.0
0.9
4.7
5.2
ns
VCC = 2.3 V to 2.7 V
0.8
1.9
3.2
0.8
3.7
4.1
ns
VCC = 3.0 V to 3.6 V
0.7
1.6
2.9
0.7
3.3
3.7
ns
CL = 30 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
23.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.4
6.0
13.1
2.2
14.8
16.3
ns
VCC = 1.4 V to 1.6 V
2.0
4.2
7.6
1.8
9.0
9.9
ns
VCC = 1.65 V to 1.95 V
1.7
3.6
6.1
1.5
7.2
8.0
ns
VCC = 2.3 V to 2.7 V
1.4
2.9
4.8
1.3
5.7
6.3
ns
VCC = 3.0 V to 3.6 V
1.2
2.5
4.3
1.1
5.1
5.7
ns
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3][4]
VCC = 0.8 V
-
1.1
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
1.1
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
1.3
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
1.5
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.0
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.5
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Similar Part No. - 74AUP2GU04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GM NEXPERIA-74AUP2GU04GM Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04GM-Q100 NEXPERIA-74AUP2GU04GM-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GN NEXPERIA-74AUP2GU04GN Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
More results

Similar Description - 74AUP2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com