Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G240 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP2G240
Description  Low-power dual inverting buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G240 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G240 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 14Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74AUP2G240_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
11 of 20
NXP Semiconductors
74AUP2G240
Low-power dual inverting buffer/line driver; 3-state
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZH and tPZL.
[4]
tdis is the same as tPHZ and tPLZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
f = 1 MHz; VI = GND to VCC
[5]
VCC = 0.8 V
-
2.7
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.9
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
3.0
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.2
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.7
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.2
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground=0V; for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The data input (nA) to output (nY) propagation delays
mna960
tPLH
tPHL
VM
VM
VM
VM
nY output
nA input
VI
GND
VOH
VOL
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP2G240

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240DC NEXPERIA-74AUP2G240DC Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GN NEXPERIA-74AUP2G240GN Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GS NEXPERIA-74AUP2G240GS Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GT NEXPERIA-74AUP2G240GT Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
More results

Similar Description - 74AUP2G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
   Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
   Dual inverting buffer/line driver; 3-state
74LVC2G240 NEXPERIA-74LVC2G240 Datasheet
284Kb / 17P
   Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com