Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G132GD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP2G132GD
Description  Low-power dual 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G132GD Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP2G132GD Datasheet HTML 1Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 2Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 3Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 4Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 5Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 6Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 7Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 8Page - NXP Semiconductors 74AUP2G132GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74AUP2G132_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 December 2008
4 of 19
NXP Semiconductors
74AUP2G132
Low-power dual 2-input NAND Schmitt trigger
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
9.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For VSSOP8 packages: above 110
°C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
10. Recommended operating conditions
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LLH
LH
H
HL
H
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO < 0 V
-
−50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C


Similar Part No. - 74AUP2G132GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G132GF NEXPERIA-74AUP2G132GF Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GN NEXPERIA-74AUP2G132GN Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GS NEXPERIA-74AUP2G132GS Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GT NEXPERIA-74AUP2G132GT Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GX NEXPERIA-74AUP2G132GX Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
More results

Similar Description - 74AUP2G132GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G132 NEXPERIA-74AUP2G132 Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
logo
NXP Semiconductors
74AUP2G132 PHILIPS-74AUP2G132_15 Datasheet
296Kb / 23P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
74AUP1G132 NXP-74AUP1G132 Datasheet
105Kb / 18P
   Low-power 2-input NAND Schmitt trigger
Rev. 02-15 June 2009
74AUP1G132 PHILIPS-74AUP1G132_15 Datasheet
367Kb / 22P
   Low-power 2-input NAND Schmitt trigger
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G132-Q100 NEXPERIA-74AUP1G132-Q100 Datasheet
238Kb / 14P
   Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
74AUP1G132 NEXPERIA-74AUP1G132 Datasheet
286Kb / 19P
   Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com