Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G125GT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP2G125GT
Description  Low-power dual buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G125GT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G125GT Datasheet HTML 4Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 5Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 6Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 7Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 8Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 9Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 10Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 11Page - NXP Semiconductors 74AUP2G125GT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74AUP2G125_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 27 November 2009
8 of 21
NXP Semiconductors
74AUP2G125
Low-power dual buffer/line driver; 3-state
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
[2]
To show ICC remains very low when the input-disable feature is enabled.
11. Dynamic characteristics
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
IOZ
OFF-state output current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO =0A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
data input; VI =VCC − 0.6 V; IO =0A;
VCC = 3.3 V
[1] --
75
µA
nOE input; VI =VCC − 0.6 V; IO =0 A;
VCC = 3.3 V
[1] -
-
180
µA
all inputs; VI = GND to 3.6 V;
nOE = GND; VCC = 0.8 V to 3.6 V
[2] --
1
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
20.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
5.5
10.5
2.5
11.7
12.9
ns
VCC = 1.4 V to 1.6 V
2.2
3.9
6.1
2.0
7.3
8.1
ns
VCC = 1.65 V to 1.95 V
1.9
3.2
4.8
1.7
6.1
6.7
ns
VCC = 2.3 V to 2.7 V
1.6
2.6
3.6
1.4
4.3
4.9
ns
VCC = 3.0 V to 3.6 V
1.4
2.4
3.1
1.2
3.9
4.4
ns


Similar Part No. - 74AUP2G125GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125GT NXP-74AUP2G125GT Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125GT PHILIPS-74AUP2G125GT Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
logo
Nexperia B.V. All right...
74AUP2G125GT NEXPERIA-74AUP2G125GT Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results

Similar Description - 74AUP2G125GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com