Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G34GF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP2G34GF
Description  Low-power dual buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G34GF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G34GF Datasheet HTML 4Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 5Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 6Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 7Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 8Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 9Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 10Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 11Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AUP2G34_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 31 January 2008
8 of 16
NXP Semiconductors
74AUP2G34
Low-power dual buffer
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
14.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
4.7
9.2
2.0
10.0
11.0
ns
VCC = 1.4 V to 1.6 V
2.1
3.4
5.7
1.6
6.5
7.2
ns
VCC = 1.65 V to 1.95 V
1.8
2.9
4.5
1.4
5.2
5.8
ns
VCC = 2.3 V to 2.7 V
1.5
2.3
3.5
1.2
4.2
4.6
ns
VCC = 3.0 V to 3.6 V
1.4
2.1
3.2
1.0
3.8
4.2
ns
CL = 10 pF
tpd
propagation delay nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
18.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
5.6
10.9
2.3
11.8
13.1
ns
VCC = 1.4 V to 1.6 V
2.6
4.1
6.7
1.9
7.7
8.5
ns
VCC = 1.65 V to 1.95 V
2.3
3.4
5.3
1.7
6.2
6.9
ns
VCC = 2.3 V to 2.7 V
2.0
2.9
4.2
1.5
5.0
5.5
ns
VCC = 3.0 V to 3.6 V
1.7
2.6
3.8
1.4
4.6
5.1
ns
CL = 15 pF
tpd
propagation delay nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
21.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
6.4
12.6
2.6
13.8
15.2
ns
VCC = 1.4 V to 1.6 V
3.0
4.6
7.6
2.2
8.9
9.8
ns
VCC = 1.65 V to 1.95 V
2.6
3.9
6.0
2.0
7.2
7.9
ns
VCC = 2.3 V to 2.7 V
2.3
3.3
4.8
1.8
5.7
6.3
ns
VCC = 3.0 V to 3.6 V
2.1
3.1
4.2
1.6
5.0
5.5
ns
CL = 30 pF
tpd
propagation delay nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
32.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.8
8.7
16.3
3.6
18.9
20.8
ns
VCC = 1.4 V to 1.6 V
4.0
6.2
10.3
3.4
12.2
13.4
ns
VCC = 1.65 V to 1.95 V
3.6
5.2
8.1
3.2
9.8
10.8
ns
VCC = 2.3 V to 2.7 V
3.0
4.4
6.4
2.7
7.7
8.5
ns
VCC = 3.0 V to 3.6 V
2.9
4.2
5.6
2.5
6.5
7.2
ns


Similar Part No. - 74AUP2G34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G34GM NEXPERIA-74AUP2G34GM Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GN NEXPERIA-74AUP2G34GN Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GS NEXPERIA-74AUP2G34GS Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GW NEXPERIA-74AUP2G34GW Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GX NEXPERIA-74AUP2G34GX Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
More results

Similar Description - 74AUP2G34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AXP2G34 NEXPERIA-74AXP2G34 Datasheet
817Kb / 16P
   Low-power dual buffer
logo
NXP Semiconductors
74AUP2G34 PHILIPS-74AUP2G34_15 Datasheet
197Kb / 19P
   Low-power dual buffer
Rev. 5-10 January 2013
logo
Texas Instruments
SN74AUP2G07 TI1-SN74AUP2G07_16 Datasheet
1Mb / 26P
[Old version datasheet]   Low-Power Dual Buffer/Driver
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com