Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G38 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2G38
Description  Low-power dual 2-input NAND gate; open drain
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G38 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G38 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G38 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AUP2G38_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 8 October 2009
10 of 17
NXP Semiconductors
74AUP2G38
Low-power dual 2-input NAND gate; open drain
[1]
For measuring enable and disable times RL = 5 kΩ.
For measuring propagation delays, set-up times, hold times and pulse width, RL = 1 MΩ.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF 5 k
Ω or 1 MΩ
open
GND
2VCC


Similar Part No. - 74AUP2G38

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
logo
NXP Semiconductors
74AUP2G38DC PHILIPS-74AUP2G38DC Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38DC NEXPERIA-74AUP2G38DC Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
logo
NXP Semiconductors
74AUP2G38GM PHILIPS-74AUP2G38GM Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
More results

Similar Description - 74AUP2G38

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
   Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com