Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G08GM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP2G08GM
Description  Low-power dual 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G08GM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G08GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 12Page - NXP Semiconductors 74AUP2G08GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74AUP2G08_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 29 May 2008
9 of 17
NXP Semiconductors
74AUP2G08
Low-power dual 2-input AND gate
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
2.5
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.6
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.7
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
2.8
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.2
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
3.7
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
The data input (nA or nB) to output (nY) propagation delays
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP2G08GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G08GM PHILIPS-74AUP2G08GM Datasheet
146Kb / 21P
   Low-power dual 2-input AND gate
Rev. 5-1 December 2011
logo
Nexperia B.V. All right...
74AUP2G08GM NEXPERIA-74AUP2G08GM Datasheet
292Kb / 19P
   Low-power dual 2-input AND gate
Rev. 11 - 17 June 2022
More results

Similar Description - 74AUP2G08GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G08 NEXPERIA-74AUP2G08 Datasheet
292Kb / 19P
   Low-power dual 2-input AND gate
Rev. 11 - 17 June 2022
logo
NXP Semiconductors
74AUP2G08 PHILIPS-74AUP2G08_11 Datasheet
146Kb / 21P
   Low-power dual 2-input AND gate
Rev. 5-1 December 2011
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI1-SN74AUP2G08_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
SN74AUP2G08 TI-SN74AUP2G08_1 Datasheet
454Kb / 15P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
logo
Nexperia B.V. All right...
74AUP1G08-Q100 NEXPERIA-74AUP1G08-Q100 Datasheet
229Kb / 14P
   Low-power 2-input AND gate
logo
NXP Semiconductors
74AUP1G08 PHILIPS-74AUP1G08 Datasheet
84Kb / 17P
   Low-power 2-input AND gate
Rev. 02-29 June 2006
logo
Nexperia B.V. All right...
74AUP1G08 NEXPERIA-74AUP1G08 Datasheet
273Kb / 18P
   Low-power 2-input AND gate
Rev. 10 - 13 January 2022
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com