Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G02 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP2G02
Description  Low-power dual 2-input NOR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G02 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP2G02 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AUP2G02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2008
4 of 17
NXP Semiconductors
74AUP2G02
Low-power dual 2-input NOR gate
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For VSSOP8 packages: above 110
°C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LL
H
LH
L
HL
L
HH
L
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
+50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP2G02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G02 DIODES-74AUP2G02 Datasheet
253Kb / 9P
   DUAL NOR GATE
logo
Nexperia B.V. All right...
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02DC NEXPERIA-74AUP2G02DC Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GF NEXPERIA-74AUP2G02GF Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
74AUP2G02GN NEXPERIA-74AUP2G02GN Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
More results

Similar Description - 74AUP2G02

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
   Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
   Low-power 2-input NOR gate
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com