Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1Z04GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1Z04GM
Description  Low-power X-tal driver with enable and internal resistor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1Z04GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1Z04GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1Z04GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
74AUP1Z04_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2008
11 of 25
NXP Semiconductors
74AUP1Z04
Low-power X-tal driver with enable and internal resistor
[1]
Only for output Y and input EN.
II
input leakage current
X1 input
VI = EN = VCC; VCC = 0 V to 3.6 V
-
-
±0.75
µA
EN input
VI = GND to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.75
µA
Ipu
pull-up current
X1 input; EN = VCC
VI = GND; VCC = 0.8 V to 3.6 V
-
-
15
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
[1] --
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
[1] --
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
EN = GND; VCC = 0.8 V to 3.6 V
--
75
µA
∆ICC
additional supply current
EN input
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
75
µA
gfs
forward transconductance
see Figure 10 and Figure 11
VCC = 0.8 V
-
-
-
mA/V
VCC = 1.1 V to 1.3 V
-
-
10.8
mA/V
VCC = 1.4 V to 1.6 V
1.8
-
21.2
mA/V
VCC = 1.65 V to 1.95 V
6.9
-
29.9
mA/V
VCC = 2.3 V to 2.7 V
13.4
-
38.0
mA/V
VCC = 3.0 V to 3.6 V
15.8
-
39.2
mA/V
Rbias
bias resistance
EN = GND; fi = 0 Hz; VI = 0 V or
VCC; see Figure 5; for frequency
behavior see Figure 6
1.07
-
3.11
M
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Test circuit for measuring bias resistance
VO
II
001aai359
VCC
X2
X1
Rbias
VI
R
bias
V
O
V
I
I
I
-------------------
=


Similar Part No. - 74AUP1Z04GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1Z04GM NEXPERIA-74AUP1Z04GM Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
More results

Similar Description - 74AUP1Z04GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com