Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1T58GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP1T58GF
Description  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T58GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1T58GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AUP1T58_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 29 September 2009
10 of 17
NXP Semiconductors
74AUP1T58
Low-power configurable gate with voltage-level translator
12. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times
Y output
A, B, C input
Y output
GND
VI
VOH
VOH
VOL
VOL
VM
VM
VM
VM
VM
VM
tPLH
tPLH
tPHL
tPHL
001aab593
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
2.3 V to 3.6 V
0.5
× VCC
0.5
× VI
1.65 V to 3.6 V
≤ 3.0 ns


Similar Part No. - 74AUP1T58GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T58GM NEXPERIA-74AUP1T58GM Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58GN NEXPERIA-74AUP1T58GN Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58GS NEXPERIA-74AUP1T58GS Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58GW NEXPERIA-74AUP1T58GW Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
More results

Similar Description - 74AUP1T58GF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com