Electronic Components Datasheet Search |
|
CL-430F-WN Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
CL-430F-WN Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
1 / 1 page 55 ● ● ● ● ● ● ● ● ● ● ● 側面発光・単色タイプ CL-430F シリーズ Mono-Color Side-Lighting Type CL-430F Series VF(V) 1 5 10 20 50 100 200 IF-VF 特性 IF-VF Characteristics 2.5 3.0 3.5 4.0 4.5 5.0 20 50 100 200 IV-Ta 特性 IV-Ta Characteristics T a (°C) -20 0 20 40 60 80 100 T a (°C) 3.0 3.2 3.4 3.6 3.8 4.0 VF-Ta 特性 VF-Ta Characteristics -20 0 20 40 60 80 100 IF=20mA I F(mA) 5 10 100 1000 5000 IV-IF 特性 IV-IF Characteristics 0.5 1 5 10 50 0 5 10 15 20 25 30 IF max-Ta 特性 IFmax-Ta Characteristics T a (°C) -20 0 20 40 60 80 100 120 20 40 60 80 100 30 ° 20 ° 10 ° 0 ° 10 ° 20 ° 30 ° 指向特性 Directive Characteristics 0 50 ° 40 ° 60 ° 70 ° 80 ° 90 ° 50 ° 40 ° 60 ° 70 ° 80 ° 90 ° WN WQ WN WQ WN WQ WN WQ WN WQ リフローはんだ用 For reflow soldering 0.6 0.3 0.3 0.3 0.6 0.6 0.6 部品中心 /Center 極性/Polarity (1.4) 2.8 (1) (2) (3) (4) LED素子 /LED die 枠 /Reflector 樹脂 /Resin はんだ付け電極 /Soldering terminal 0.3 0.6 0.6 0.3 0.95 1.85 2-R0.3 2-R0.2 (1) (2) (3) (4) ■ 諸特性/Characteristics 2.8(L)×1.0(W)×1.0(H)mm ● 薄型バックライト用の白色LEDです。推奨 導光板は1.0mm厚です。 ● White LED for thin-shaped backlight. Recommended thickness of optical waveguide is 1.0 mm. ※外形寸法図は、<WN> <WQ>とも共通となります。 ※The dimensional outline drawings are common in <WN>, and <WQ>. Pd IF IFP※2 VR Top Tst Product code (mW) (mA) (mA) (V) (℃) (℃) CL-430F-WN 114 30 100 5 −25∼+85 −30∼+90 CL-430F-WQ 114 30 100 5 −25∼+85 −30∼+90 ※1 1素子当たりの値です。/The values are based on 1-die performance. ※2 IFPの条件はduty1/10、 パルス巾30msecです。 /Condition for IFP is pulse of 1/10 duty and 30msec width. ●絶対最大定格/Absolute Maximum Rating※1 (Ta 25℃) ※1 1素子当たりの値です。/The values are based on 1-die performance. ※2 NIST規格に準拠、各素子同時点灯の値です。 Compliant with NIST. The values are based on the condition that each die lights simultaneously. ※3 色度座標は、a、b、c、d、e、fに囲まれた範囲です。/Chromaticity coordinates is surrounded with a,b,c,d,e,f. ●電気的光学的特性/Electro-optical Characteristics (Ta 25℃) Parameter Symbol Conditions MIN TYP MAX Unit 順電圧/ CL-430F-WN VF IF=20mA ー3.2 3.6 V CL-430F-WQ ー3.3 3.6 逆電流/Reverse Current※1 IR VR=5V ー ー 2 μA 光度/ CL-430F-WN IV 1200 1680 ー mcd Luminous Intensity※2 CL-430F-WQ 1400 2000 ー x(±0.02) y(±0.02) a 0.268 0.228 b 0.284 0.256 色度座標/Chromaticity coordinates※3 x, y IF=20mA c 0.309 0.286 d 0.307 0.308 e 0.275 0.275 f 0.252 0.247 Forward Voltage※1 IF=20mA 推奨はんだ付けパターン The following soldering patterns are recommended for reflow-soldering: ●外形寸法図/Outline drawing 単位/Unit : mm For Back- light |
Similar Part No. - CL-430F-WN |
|
Similar Description - CL-430F-WN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |