Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC236 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC236
Description  High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC236 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC236 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC236 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TMC236/A DATA SHEET (V2.06 / 2009-Jul-30)
11
Copyright © 2004, TRINAMIC Motion Control GmbH & Co KG
Open load detection
Open load is signaled, whenever there are more than 14 oscillator cycles without PWM switch off. Note
that open load detection is not possible while coil current is set to “0000”, because the chopper is off in
this condition. The open load flag will then always be read as inactive (“0”). During overcurrent and
undervoltage or over temperature conditions, the open load flags also become active!
Due to their principle, the open load flags not only signal an open load condition, but also a torque loss
of the motor, especially at high motor velocities. To detect only an interruption of the connection to the
motor, it is advised to evaluate the flags during stand still or during low velocities only (e.g. for the first
or last steps of a movement).
Standby and shutdown mode
The circuit can be put into a low power standby mode by the user, or, automatically goes to standby on
Vcc undervoltage conditions. Before entering standby mode, the TMC236 switches off all power driver
outputs. In standby mode the oscillator becomes disabled and the oscillator pin is held at a low state.
The standby mode is available via the interface in SPI-mode and via the ENN pin in non-SPI mode.
The shutdown mode even reduces supply current further. It can only be entered in SPI-mode by pulling
the ENN pin high. In shutdown additionally all internal reference voltages become switched off and the
SPI circuit is held in reset.
Power saving
The possibility to control the output current can dramatically save energy, reduce heat generation and
increase precision by reducing thermal stress on the motor and attached mechanical components. Just
reduce motor current during stand still: Even a slight reduction of the coil currents to 70% of the current
of the last step of the movement, halves power consumption! In typical applications a 50% current
reduction during stand still is reasonable.


Similar Part No. - TMC236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236 Datasheet
571Kb / 1P
   Microstep Driver for up to 1.5A
TMC236 TRINAMIC-TMC236 Datasheet
610Kb / 27P
   Stepper motor
logo
List of Unclassifed Man...
TMC236/A ETC2-TMC236/A Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC236A ETC2-TMC236A Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
More results

Similar Description - TMC236

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
   High current microstep stepper motor driver with protection, diagnostics and SPI Interface
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_1 Datasheet
597Kb / 30P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
logo
List of Unclassifed Man...
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
logo
TRINAMIC Motion Control...
TMC236B-PA TRINAMIC-TMC236B-PA Datasheet
727Kb / 27P
   High current, low power dissipation microstep stepper motor driver with protection
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246A ETC2-TMC246A Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
   High current microstep stepper motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com