Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSH5718 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH5718
Description  57mm/NEMA23 1.8째 stepangle high torque hybrids tepper motor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH5718 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  QSH5718 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOTORS
QMOT STEPPER MOTORS
www.trinamic.com – for detailed information and datasheets
INFO
M A IN CH A R AC T ER IS T ICS
10 mm
QSH
5718
57 mm / NEMA23
1.8° step angle
high torque
hybrid stepper motor
These two phase hybrid stepper motors are optimized for
microstepping and give a good fit to the TRINAMIC family of
motor controllers and drivers. They are also used in the 57 mm
PANdrive mechatronics family.
Not for new design! Please use QSH5718 new series instead.
SPECIFICATIONS
UNIT
-41-30-047
-55-30-098
-79-30-163
Rated phase current
A
3.0
3.0
3.0
Ph. resistance at 20°C
0.8
0.8
0.8
Ph. inductance (typ.)
mH
1.5
2.1
3.2
Holding torque (typ.)
Ncm
47
98
163
Detent torque
Ncm
2.1
3.0
3.0
Rotor inertia
gcm2
77
209
335
Weight (mass)
kg
0.50
0.70
1.00
Motor length
mm
41.0
55.0
78.5
Related PAN-drive
Type
PD1-...-57
PD2-...-57
PD3-...-57
ORDER CODE
DESCRIPTION
QSH5718-41-30-047
QMot Steppermotor 57 mm, 3.0A, 0.47 Nm
QSH5718-55-30-098
QMot Steppermotor 57 mm, 3.0A, 0.98 Nm
QSH5718-79-30-163
QMot Steppermotor 57 mm, 3.0A, 1.63 Nm
NEMA 23 mounting configuration
flange max. 57.2 mm * 57.2 mm
6.35 mm axis diameter, 20.6 mm length
step angle: 1.8˚
optimized for microstep operation
optimum fit for
TMC239 / TMC249 based driver circuits
up to 84V operating voltage
4 wire connection
neodymium magnets for maximum torque
CE approved
RoHS compliant
92


Similar Part No. - QSH5718

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH5718-41-28-055 TRINAMIC-QSH5718-41-28-055 Datasheet
68Kb / 1P
   new series 57mm/NEMA23 1.8째stepangle high torque hybrids tepper motor
QSH5718-41-28-055 TRINAMIC-QSH5718-41-28-055 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH5718-51-28-101 TRINAMIC-QSH5718-51-28-101 Datasheet
68Kb / 1P
   new series 57mm/NEMA23 1.8째stepangle high torque hybrids tepper motor
QSH5718-51-28-101 TRINAMIC-QSH5718-51-28-101 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH5718-56-28-126 TRINAMIC-QSH5718-56-28-126 Datasheet
68Kb / 1P
   new series 57mm/NEMA23 1.8째stepangle high torque hybrids tepper motor
More results

Similar Description - QSH5718

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH5718 TRINAMIC-QSH5718_1 Datasheet
68Kb / 1P
   new series 57mm/NEMA23 1.8째stepangle high torque hybrids tepper motor
QSH2818 TRINAMIC-QSH2818 Datasheet
112Kb / 1P
   28mm/NEMA11 1.8째stepangle high torque hybrids tepper motor
QSH6018 TRINAMIC-QSH6018 Datasheet
195Kb / 1P
   60mm/NEMA24 1.8째stepangle high torque hybrids tepper motor
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
PD-113-57-SE TRINAMIC-PD-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
QBL5704 TRINAMIC-QBL5704 Datasheet
164Kb / 1P
   57mm 4pole BLDC motor
logo
List of Unclassifed Man...
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
   57mm Brushless DC Motor, 60W, 24V
HT23-595 ETC2-HT23-595 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-552 ETC2-HT23-552 Datasheet
83Kb / 3P
   NEMA 23 High Torque Step Motor
HT23-596 ETC2-HT23-596 Datasheet
81Kb / 3P
   NEMA 23 High Torque Step Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com