Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ7222MCC5TB Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RJ7222MCC5TB
Description  RJ High Precision Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RJ7222MCC5TB Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RJ7222MCC5TB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RJ7222MCC5TB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RJ7222MCC5TB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Preview
The RJ Series Precision Metal Film Resistors are manufactured using vacuum sputtering system to deposit
multiple layers of mixed metals and passivative materials onto a carefully treated high grade ceramic substrate,
the resistors are coated with layers of blue lacquer.
The metal-film technology is capable of supporting accuracy characteristics over a broad resistance range. Types
include axial through-hole and metal film fusible resistor for special purpose.
The RJ Metal Film Resistors is designed as a low-cost alternative to traditional solutions for precision
applications.
RJ Series equate Vishay, IRC, EBG, Panasonic Precision Devices with more competitive price and fast delivery.
Contact us with your specific needs.
RJ High Precision Resistors
Precision Metal-Film Resistors for Low-Cost Uses
High Precision
Resistors
Features :
- High thermal conductivity and specific gravity rods.
- Power Rating : 0.16W~3W, precision tolerance tight to A5(±0.05).
- Superior electrical TCR performances narrowed to C7(±5) ppm/°C.
- Epoxy coating, precision metal film, Lead (Pb)-free and RoHS compliant.
Applications :
- Telecom, Measuring and Calibration Equipment, Industrial Process Control Systems, Audio, Vedio
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RJ7222MCC5TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ727 ETC2-RJ727 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
More results

Similar Description - RJ7222MCC5TB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
List of Unclassifed Man...
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
   Precision high voltage resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
List of Unclassifed Man...
LM3 ETC-LM3 Datasheet
449Kb / 1P
   HIGH PRECISION PLATE RESISTORS
MX431 ETC2-MX431 Datasheet
118Kb / 1P
   PRECISION HIGH VOLTAGE RESISTORS
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
   Precision High Voltage Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com