Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G175GF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G175GF
Description  Low-power D-type flip-flop with reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G175GF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G175GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 14Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74AUP1G175_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 28 February 2008
11 of 20
NXP Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
CL = 5 pF, 10 pF, 15 pF and 30 pF
tW
pulse width
CP; HIGH or LOW;
see Figure 7
VCC = 0.8 V
-
5.25
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
1.6
-
1.5
-
-
ns
VCC = 1.4 V to 1.6 V
-
1.0
-
0.9
-
-
ns
VCC = 1.65 V to 1.95 V
-
0.75
-
0.7
-
-
ns
VCC = 2.3 V to 2.7 V
-
0.6
-
0.4
-
-
ns
VCC = 3.0 V to 3.6 V
-
0.55
-
0.4
-
-
ns
MR; LOW; see Figure 8
VCC = 0.8 V
-
9.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
3.0
-
4.9
-
-
ns
VCC = 1.4 V to 1.6 V
-
1.75
-
2.5
-
-
ns
VCC = 1.65 V to 1.95 V
-
1.35
-
1.8
-
-
ns
VCC = 2.3 V to 2.7 V
-
0.9
-
1.1
-
-
ns
VCC = 3.0 V to 3.6 V
-
0.8
-
0.8
-
-
ns
trec
recovery time
MR; see Figure 8
VCC = 0.8 V
-
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
−1.1
-
−1.2
-
-
ns
VCC = 1.4 V to 1.6 V
-
−2.0
-
−0.8
-
-
ns
VCC = 1.65 V to 1.95 V
-
−0.5
-
−0.7
-
-
ns
VCC = 2.3 V to 2.7 V
-
−0.9
-
−0.4
-
-
ns
VCC = 3.0 V to 3.6 V
-
−1.0
-
−0.2
-
-
ns
tsu(H)
setup time HIGH
D to CP; see Figure 7
VCC = 0.8 V
-
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.5
-
1.2
-
-
ns
VCC = 1.4 V to 1.6 V
-
0.4
-
0.8
-
-
ns
VCC = 1.65 V to 1.95 V
-
0.3
-
0.6
-
-
ns
VCC = 2.3 V to 2.7 V
-
0.3
-
0.5
-
-
ns
VCC = 3.0 V to 3.6 V
-
0.2
-
0.5
-
-
ns
tsu(L)
setup time LOW
D to CP; see Figure 7
VCC = 0.8 V
-
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.8
-
1.7
-
-
ns
VCC = 1.4 V to 1.6 V
-
0.6
-
1.1
-
-
ns
VCC = 1.65 V to 1.95 V
-
0.4
-
0.9
-
-
ns
VCC = 2.3 V to 2.7 V
-
0.4
-
0.9
-
-
ns
VCC = 3.0 V to 3.6 V
-
0.5
-
0.9
-
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Similar Part No. - 74AUP1G175GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G175GF PHILIPS-74AUP1G175GF Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
More results

Similar Description - 74AUP1G175GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G175 PHILIPS-74AUP1G175 Datasheet
92Kb / 26P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 01.mm-27 March 2006
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com