Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G158GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1G158GW
Description  Low-power 2-input multiplexer; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G158GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G158GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G158GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AUP1G158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 July 2009
3 of 16
NXP Semiconductors
74AUP1G158
Low-power 2-input multiplexer; inverting
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Logic diagram
001aae021
I1
I0
S
Y
Fig 5.
Pin configuration SOT363
(SC-88)
Fig 6.
Pin configuration SOT886
(XSON6)
Fig 7.
Pin configuration SOT891
(XSON6)
74AUP1G158
I1
S
GND
I0
001aae022
1
2
3
6
VCC
5
4
Y
74AUP1G158
GND
001aae023
I1
I0
VCC
S
Transparent top view
2
3
1
5
4
6
Y
74AUP1G158
GND
001aae024
I1
I0
VCC
S
Transparent top view
2
3
1
5
4
6
Y
Table 3.
Pin description
Symbol
Pin
Description
I1
1
data input from source 1
GND
2
ground (0 V)
I0
3
data input from source 0
Y
4
multiplexer output
VCC
5
supply voltage
S
6
common data select input


Similar Part No. - 74AUP1G158GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G158GW NEXPERIA-74AUP1G158GW Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
More results

Similar Description - 74AUP1G158GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
   Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
   Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
   Quad 2-input multiplexer; inverting
December 1990
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
   Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
logo
ON Semiconductor
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com