Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G80GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G80GM
Description  Low-power D-type flip-flop; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G80GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G80GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1G80GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74AUP1G80_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 October 2006
11 of 18
NXP Semiconductors
74AUP1G80
Low-power D-type flip-flop; positive-edge trigger
12. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The clock input (CP) to output (Q) propagation delays
mna652
CP input
Q output
tPLH
tPHL
VM
VM
VOH
VI
GND
D input
VI
GND
VOL
VM
VM
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 8.
The clock input (CP) to output (Q) propagation delays, clock pulse width, D to CP set-up and hold times
and the maximum input clock frequency
mna653
th
tsu(L)
th
tPLH
tW
tPHL
tsu(H)
1/fmax
VM
VM
VM
VI
GND
VI
GND
CP input
D input
VOH
VOL
Q output
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP1G80GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G80GM NEXPERIA-74AUP1G80GM Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
More results

Similar Description - 74AUP1G80GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com