Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC12.5202.001 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DC12.5202.001
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12.5202.001 Datasheet(HTML) 1 Page - Schurter Inc.

  DC12.5202.001 Datasheet HTML 1Page - Schurter Inc. DC12.5202.001 Datasheet HTML 2Page - Schurter Inc. DC12.5202.001 Datasheet HTML 3Page - Schurter Inc. DC12.5202.001 Datasheet HTML 4Page - Schurter Inc. DC12.5202.001 Datasheet HTML 5Page - Schurter Inc. DC12.5202.001 Datasheet HTML 6Page - Schurter Inc. DC12.5202.001 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image

Power Entry Modules with Line Filter
DC2
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Screw-On Version
from front side
from front side
Screw-On Version
from rear side
Standard- or Medical-Filter
C14
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,snap-inversionfromfront
side
-3Functions:
ApplianceInletProtectionclassI,LineSwitch1-or2-pole,Linefilterin
standardandmedicalversion
-Quickconnectterminals6.3x0.8mm
-Alternative:versionwithoutlinefilterDC11
-SubstitutefortypeKFB1;KFB2
Approvals
-VDELicenseNumber:40001522
-ULLicenseNumber:E72928
Characteristics
-Compactdesignwithoptimalshielding
Rearsidemountingforefficientcostsavingassembly
-Allsingleelementsarealreadywired
-Lineswitchnon-illuminatedorilluminated
Marquardswitchforhighinrushcurrents
-Universallinefilterforstandardapplications
-Idealforapplicationwithhightransientloads
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Solderterminals
-Otherrockermarking
-CapacitanceCX1
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Snap-in:1mmto3mm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
LineSwitch
Rockerswitch1or2pole,non-illumina-
tedorilluminated,acc.toIEC61058-1
Technicaldetails
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>1'900'000hacc.toMIL-HB-217F


Similar Part No. - DC12.5202.001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12.5202.001 SCHURTER-DC12.5202.001 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.5202.001.21 SCHURTER-DC12.5202.001.21 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
More results

Similar Description - DC12.5202.001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12_15 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_18 Datasheet
997Kb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_V01 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DC22 SCHURTER-DC22 Datasheet
774Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com