Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G19GF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP1G19GF
Description  Low-power 1-of-2 decoder/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G19GF Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G19GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G19GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AUP1G19_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 August 2008
4 of 17
NXP Semiconductors
74AUP1G19
Low-power 1-of-2 decoder/demultiplexer
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP1G19GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G19GM NEXPERIA-74AUP1G19GM Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GN NEXPERIA-74AUP1G19GN Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GS NEXPERIA-74AUP1G19GS Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
74AUP1G19GW NEXPERIA-74AUP1G19GW Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results

Similar Description - 74AUP1G19GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com