Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G34GW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1G34GW
Description  Low-power buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G34GW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G34GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G34GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74AUP1G34_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 August 2008
8 of 15
NXP Semiconductors
74AUP1G34
Low-power buffer
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI = GND to VCC
[3]
VCC = 0.8 V
-
2.5
-
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.6
-
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.7
-
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
2.9
-
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.4
-
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.0
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min Typ[1] Max
Min
Max
(85
°C)
Min
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The data input (A) to output (Y) propagation delays
mnb153
tPHL
tPLH
VM
VM
A input
Y output
GND
VI
VOH
VOL
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP1G34GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G34GW NEXPERIA-74AUP1G34GW Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
74AUP1G34GW-Q100 NEXPERIA-74AUP1G34GW-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
More results

Similar Description - 74AUP1G34GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G16 NEXPERIA-74AUP1G16 Datasheet
766Kb / 17P
   Low-power buffer
logo
NXP Semiconductors
74AUP1G34 PHILIPS-74AUP1G34_15 Datasheet
411Kb / 20P
   Low-power buffer
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
   Low-power triple buffer
logo
NXP Semiconductors
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
   Low-power dual buffer
Rev. 02-31 January 2008
logo
Nexperia B.V. All right...
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP3G34 PHILIPS-74AUP3G34_15 Datasheet
229Kb / 23P
   Low-power triple buffer
Rev. 1-18 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com