Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G09GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1G09GW
Description  Low-power 2-input AND gate with open-drain
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G09GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G09GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G09GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
74AUP1G09_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 15 January 2009
9 of 15
NXP Semiconductors
74AUP1G09
Low-power 2-input AND gate with open-drain
[1]
For measuring enable and disable times RL = 5 kΩ.
For measuring propagation delays, set-up and hold times, and pulse width, RL = 1 MΩ.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Test circuit for measuring switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ open
GND
2VCC


Similar Part No. - 74AUP1G09GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G09GW NEXPERIA-74AUP1G09GW Datasheet
262Kb / 17P
   Low-power 2-input AND gate with open-drain
Rev. 7 - 14 January 2022
74AUP1G09GW-Q100 NEXPERIA-74AUP1G09GW-Q100 Datasheet
214Kb / 12P
   Low-power 2-input AND gate with open-drain
Rev. 3 - 14 January 2022
More results

Similar Description - 74AUP1G09GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G09 NEXPERIA-74AXP1G09 Datasheet
827Kb / 1P
   Low-power 2-input AND gate with open-drain
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100 Datasheet
214Kb / 12P
   Low-power 2-input AND gate with open-drain
Rev. 3 - 14 January 2022
74AUP1G09 NEXPERIA-74AUP1G09 Datasheet
262Kb / 17P
   Low-power 2-input AND gate with open-drain
Rev. 7 - 14 January 2022
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
   2-input AND gate with open-drain output
Rev. 01-26 September 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com