Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT3G04DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHCT3G04DC
Description  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT3G04DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT3G04DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 10Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 11Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 12Page - NXP Semiconductors 74AHCT3G04DC Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74AHC_AHCT3G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2009
10 of 13
NXP Semiconductors
74AHC3G04; 74AHCT3G04
Inverter
Fig 10. Package outline SOT996-2 (XSON8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT996-2
- - -
- - -
SOT996-2
07-12-18
07-12-21
UNIT
A
max
mm
0.5
0.05
0.00
0.35
0.15
3.1
2.9
0.5
1.5
0.5
0.3
0.6
0.4
0.1
0.05
A1
DIMENSIONS (mm are the original dimensions)
XSON8U: plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3 x 2 x 0.5 mm
0
1
2 mm
scale
b
D
2.1
1.9
E
e
e1
L
L1
0.15
0.05
L2
v
w
0.05
y
y1
0.1
C
y
C
y1
X
b
14
85
e1
e
A
C
B
v M
C
w M
L2
L1
L
terminal 1
index area
B
A
D
E
detail X
A
A1


Similar Part No. - 74AHCT3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT3G04DC PHILIPS-74AHCT3G04DC Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHCT3G04DC NEXPERIA-74AHCT3G04DC Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHCT3G04DC-Q100 NEXPERIA-74AHCT3G04DC-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
More results

Similar Description - 74AHCT3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com