Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC3GU04DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AHC3GU04DP
Description  Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC3GU04DP Datasheet(HTML) 5 Page - NXP Semiconductors

  74AHC3GU04DP Datasheet HTML 1Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 2Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 3Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 4Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 5Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 6Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 7Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 8Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74AHC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 7 January 2010
5 of 15
NXP Semiconductors
74AHC3GU04
Inverter
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
Table 8.
Dynamic characteristics
GND = 0 V; For test circuit see Figure 7.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
propagation
delay
nA to nY; see Figure 6
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
3.0
7.1
1.0
8.5
1.0
10.0
ns
CL = 50 pF
-
4.3
10.6
1.0
12.0
1.0
13.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
2.5
5.5
1.0
6.0
1.0
7.0
ns
CL = 50 pF
-
3.5
7.0
1.0
8.0
1.0
9.0
ns
CPD
power
dissipation
capacitance
per buffer;
VI = GND to VCC
[4]
-
4
-
-
-
-
-
pF
Fig 6.
The input (nA) to output (nY) propagation delays.
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Table 9.
Measurement points
Type
Input
Output
VM
VM
74AHC3GU04
0.5VCC
0.5VCC


Similar Part No. - 74AHC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3GU04DP PHILIPS-74AHC3GU04DP Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
logo
Nexperia B.V. All right...
74AHC3GU04DP NEXPERIA-74AHC3GU04DP Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
74AHC3GU04DP-Q100 NEXPERIA-74AHC3GU04DP-Q100 Datasheet
233Kb / 13P
   Triple unbuffered inverter
More results

Similar Description - 74AHC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com