Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC2G125GD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC2G125GD
Description  Dual buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC2G125GD Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC2G125GD Datasheet HTML 1Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 2Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 3Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 4Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 5Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 6Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 7Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 8Page - NXP Semiconductors 74AHC2G125GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74AHC_AHCT2G125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 22 December 2008
3 of 15
NXP Semiconductors
74AHC2G125; 74AHCT2G125
Dual buffer/line driver; 3-state
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 7
output enable input (active LOW)
1A, 2A
2, 5
data input
GND
4
ground (0 V)
1Y, 2Y
6, 3
data output
VCC
8
supply voltage
Table 4.
Function table[1]
Control
Input
Output
nOE
nA
nY
LLL
LH
H
HX
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < VO <VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Similar Part No. - 74AHC2G125GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G125 PHILIPS-74AHC2G125 Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHC2G125 NEXPERIA-74AHC2G125 Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHC2G125-Q100 NEXPERIA-74AHC2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC2G125DC PHILIPS-74AHC2G125DC Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHC2G125DC NEXPERIA-74AHC2G125DC Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
More results

Similar Description - 74AHC2G125GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com