Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT2G125DC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AHCT2G125DC
Description  Dual buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G125DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT2G125DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 11Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 12Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 13Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 14Page - NXP Semiconductors 74AHCT2G125DC Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74AHC_AHCT2G125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 22 December 2008
11 of 15
NXP Semiconductors
74AHC2G125; 74AHCT2G125
Dual buffer/line driver; 3-state
Fig 10. Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Similar Part No. - 74AHCT2G125DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT2G125DC PHILIPS-74AHCT2G125DC Datasheet
117Kb / 18P
   Bus buffer/line driver 3-state
2004 Jan 13
logo
Nexperia B.V. All right...
74AHCT2G125DC NEXPERIA-74AHCT2G125DC Datasheet
221Kb / 12P
   Dual buffer/line driver; 3-state
Rev. 4 - 2 January 2019
74AHCT2G125DC-Q100 NEXPERIA-74AHCT2G125DC-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT2G125DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com