Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ-12WE-HV-UC Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # LZ-12WE-HV-UC
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZ-12WE-HV-UC Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  LZ-12WE-HV-UC Datasheet HTML 1Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 2Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 3Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 4Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 5Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 6Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 7Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 8Page - Fujitsu Component Limited. LZ-12WE-HV-UC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
n
ORDERING INFORMATION
LZ – B 12 H M S E – K HV – UC
[Example]
(a)(b) (c) (d) (e) (f ) (g)(h) (i)( j )
n
FEATURES
l
UL,CSA,SEVrecognized
l
4kindsofcontactratings
—Lowlevelto10ampsswitching
l
Standardandhighsensitivitytypesavailable
l
Highsurgestrengthversionavailable
l
UL class B (130°C) insulation type available (only plastic
sealedtype)
l
Printed circuit terminals—fits grid with 0.1 inch
l
Plasticsealedtypeavailable
l
LeadFreesincedatecode:0437L2
Pleaseseepage9formoreinformation
LZ SERIES
POWER RELAY
1 POLE—1, 3, 5, 10 A
(MEDIUM LOAD CONTROL)
1
(a)
SeriesName
LZ:LZSeries
(b)
CoilHeatProofClass
Nil:Standardtype
B :ULclassBinsulationtype(130°C)
(c)
NominalVoltage
RefertotheCOILDATACHART
(d)
ContactRating
Nil:3A
H :5A
V :10A(standardcoilpoweronly)
W:1A(bifurcated)
(e)
ContactArrangement
Nil:1formC(SPDT)
M:1formA(SPST-NO)
( f)
CoilPower
Nil:Standardtype(450to600mW)
S :Highsensitivetype(330mW)
(g)
ContactMaterial(Rating)
Nil:Goldoverlaysilver-palladium(1A)(onlyLZ-W)
Nil:Goldoverlaysilver-nickel(3A,5A)
Nil:Silveralloy(10A)(onlyLZ-V)(containscadmium)
E :Silver-nickel(3A,5A)
(h)
Enclosure
Nil:Fluxfreetype
K :Plasticsealedtype(recommendedfornewdesigns)
C :Plasticsealedtype(withtape)
(i)
SurgeStrength
Nil:Standardtype(4,000V)
HV:Highsurgestrengthtype(6,000V)
( j)
Standard
UC:UL,CSAapprovedtype
RoHS compliant


Similar Part No. - LZ-12WE-HV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-12WE-HV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Fujitsu Component Limit...
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com