Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1GU04 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC1GU04
Description  Inverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1GU04 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC1GU04 Datasheet HTML 1Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 2Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 3Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 4Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 5Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 6Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 7Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 8Page - NXP Semiconductors 74AHC1GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74AHC1GU04_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 10 July 2007
2 of 12
NXP Semiconductors
74AHC1GU04
Inverter
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna043
AY
2
4
2
1
4
mna044
mna045
AY
Fig 4.
Pin configuration
74AHC1GU04
n.c.
VCC
A
GND
Y
001aaf099
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
n.c.
1
not connected
A
2
data input
GND
3
ground (0 V)
Y
4
data output
VCC
5
supply voltage
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Input
Output
A
Y
LH
HL


Similar Part No. - 74AHC1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1GU04 PHILIPS-74AHC1GU04 Datasheet
106Kb / 16P
   Inverter
1999 May 19
logo
Diodes Incorporated
74AHC1GU04 DIODES-74AHC1GU04 Datasheet
178Kb / 8P
   UNBUFFERED SINGLE INVERTER GATE
logo
Nexperia B.V. All right...
74AHC1GU04 NEXPERIA-74AHC1GU04 Datasheet
233Kb / 12P
   Inverter
Rev. 6 - 12 January 2022
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Texas Instruments
74AHC1GU04DBVRE4 TI-74AHC1GU04DBVRE4 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - 74AHC1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com