Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T106-3C90 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # T106-3C90
Description  Ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

T106-3C90 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  T106-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. T106-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. T106-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1783
Ferroxcube
Ferrite toroids
T140/106/25
RING CORES (TOROIDS)
Effective core parameters
Coating
Coated cores are available on request.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.903
mm−1
Ve
effective volume
161 100 mm3
Ie
effective length
382
mm
Ae
effective area
422
mm2
m
mass of core
≈ 800
g
handbook, halfpage
CBW403
25
±1
140
±3
106
±2
Fig.1 T140/106/25 ring core.
Dimensions in mm.
Ring core data
Properties of cores under power conditions
GRADE
AL
(nH)
µi
TYPE NUMBER
3C90
3200
± 20%
≈ 2300
T140/106/25-3C90
3E25
7700
± 30%
≈ 5500
T140/106/25-3E25
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T=100
°C
f= 25 kHz;
= 200 mT;
T=100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
3C90
≥320
≤ 22.7
≤ 22.7
B
ˆ
B
ˆ


Similar Part No. - T106-3C90

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T106000 E-SWITCH-T106000 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T106001 E-SWITCH-T106001 Datasheet
130Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T106002 E-SWITCH-T106002 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Infineon Technologies A...
T1060N INFINEON-T1060N Datasheet
612Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2013-11-22 Revision: 2.2
logo
Pulse A Technitrol Comp...
T1063 PULSE-T1063 Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T106-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com