Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD12 Datasheet(PDF) 2 Page - Schurter Inc.

Part # DD12
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DD12 Datasheet(HTML) 2 Page - Schurter Inc.

  DD12 Datasheet HTML 1Page - Schurter Inc. DD12 Datasheet HTML 2Page - Schurter Inc. DD12 Datasheet HTML 3Page - Schurter Inc. DD12 Datasheet HTML 4Page - Schurter Inc. DD12 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Power Entry Modules with Line Filter
DD2
www.schurter.com/pg06
EMC Products
Dimensions
55.4mm
Screw version
46.7
3.25
10.3
56
66
±0.10
45.3
9.8
3.4
55
5.9
56
49.3
±0.15
15.1
1.3
48.5
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 10
100
2.2
1
2
Standard Version
2 x 4
100
2.2
1
4
Standard Version
2 x 1.5
100
2.2
1
6
Standard Version
2 x 0.8
100
2.2
1
8
Standard Version
2 x 0.6
100
2.2
1
10
Standard Version
2 x 0.3
100
2.2
1
1
Medical Version (M5)
2 x 10
100
-
1
2
Medical Version (M5)
2 x 4
100
-
1
4
Medical Version (M5)
2 x 1.5
100
-
1
6
Medical Version (M5)
2 x 0.8
100
-
1
8
Medical Version (M5)
2 x 0.6
100
-
1
10
Medical Version (M5)
2 x 0.3
100
-
1
Diagrams
Standard version
non illuminated
1) Line
2) Load
Medical version M5
non illuminated
1) Line
2) Load
Derating Curves
1-pole
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C


Similar Part No. - DD12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD12 SCHURTER-DD12 Datasheet
278Kb / 3P
   IEC Connector C15 for hot conditions, Rewireable, Angled
DD12 SCHURTER-DD12 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD12 SCHURTER-DD12 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
logo
Kingbright Corporation
DD12-12GWB KINGBRIGHT-DD12-12GWB Datasheet
74Kb / 3P
   12SEGMENT BAR GRAPH ARRAY
logo
Schurter Inc.
DD12.1111.111 SCHURTER-DD12.1111.111 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results

Similar Description - DD12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12_18 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
KM00120511 SCHURTER-KM00120511 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
FKH SCHURTER-FKH Datasheet
751Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKH SCHURTER-FKH_V01 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
FKI SCHURTER-FKI_18 Datasheet
522Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKI SCHURTER-FKI_V01 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com