Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC22.9111.111 Datasheet(PDF) 2 Page - Schurter Inc.

Part # DC22.9111.111
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC22.9111.111 Datasheet(HTML) 2 Page - Schurter Inc.

  DC22.9111.111 Datasheet HTML 1Page - Schurter Inc. DC22.9111.111 Datasheet HTML 2Page - Schurter Inc. DC22.9111.111 Datasheet HTML 3Page - Schurter Inc. DC22.9111.111 Datasheet HTML 4Page - Schurter Inc. DC22.9111.111 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Power Entry Modules with Line Filter
DC22
www.schurter.com/pg06
EMC Products
Dimensions
57.6mm
Screw on PCB mounting
8.1
1.25
1)
R 5.1
30
2.2
16.2
32.7
0.85
47.05
R 4
±0.15
30.4
4.3
39
R4.2
39
46.8
N PE
L
57.6
47.6
4.2
5.8
±0.05
±0.10
1) all pins
38
2)
28.4
3.4
6.05
1.6
32.7
±0.10
+0.10
0
±0.20
3.6
1.6
+0.10
0
PE
L
N
2) PE additionally as quick-connect terminal 6.3 x 0.8
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 10
100
2.2
1
2
Standard Version
2 x 4
100
2.2
1
4
Standard Version
2 x 1.5
100
2.2
1
6
Standard Version
2 x 0.8
100
2.2
1
10
Standard Version
2 x 0.3
100
2.2
1
1
Medical Version (M5)
2 x 10
100
-
1
2
Medical Version (M5)
2 x 4
100
-
1
4
Medical Version (M5)
2 x 1.5
100
-
1
6
Medical Version (M5)
2 x 0.8
100
-
1
10
Medical Version (M5)
2 x 0.3
100
-
1


Similar Part No. - DC22.9111.111

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC22 SCHURTER-DC22 Datasheet
278Kb / 3P
   IEC Connector C15 for hot conditions, Rewireable, Angled
DC22 SCHURTER-DC22 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
logo
ITT Industries
DC22070 ITT-DC22070 Datasheet
9Mb / 301P
   D Subminiature Connectors
DC22071 ITT-DC22071 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
Linear Integrated Syste...
DC2274 LINEAR-DC2274 Datasheet
903Kb / 2P
   SmartMesh IP Starter Kit
More results

Similar Description - DC22.9111.111

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DD22 SCHURTER-DD22_17 Datasheet
539Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD22 SCHURTER-DD22_V01 Datasheet
559Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
DD22 SCHURTER-DD22 Datasheet
712Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DC11 SCHURTER-DC11 Datasheet
564Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
6010-K SCHURTER-6010-K Datasheet
429Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
DD21 SCHURTER-DD21_V01 Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting,
08.12.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com