Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D20K Datasheet(PDF) 1 Page - Schurter Inc.

Part # D20K
Description  Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

D20K Datasheet(HTML) 1 Page - Schurter Inc.

  D20K Datasheet HTML 1Page - Schurter Inc. D20K Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
D20K
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
250VAC · Quick-Acting F
Description
-LowBreakingCapacity
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.4-30A
BreakingCapacity
100A-4000A
Characteristic
Quick-ActingF
Mounting
Fuseholder/Clip
AdmissibleAmbientAirTemp. -40°Cto70°C
ClimaticCategory
40/070/56acc.toIEC60068-1
Material:Terminals
Nickel-PlatedCopperAlloy
Material:Tube
Glass
Material:Endcaps
Nickel-PlatedCopper
UnitWeight
9g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
Current
Dimensions
38mm
 
38
Pre-Arcing Time
Rated Current In
. x In min. .3 x In max. 3.0 x In max.
0.4 A - 30 A
60 min
60 min
1 s


Similar Part No. - D20K

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D20K SCHURTER-D20K Datasheet
117Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
D20K SCHURTER-D20K_V01 Datasheet
117Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
More results

Similar Description - D20K

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D20K SCHURTER-D20K_V01 Datasheet
117Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
A3BK SCHURTER-A3BK_V01 Datasheet
165Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 300 VAC
A3BK SCHURTER-A3BK Datasheet
265Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 300 VAC
00341736 SCHURTER-00341736 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
00345107 SCHURTER-00345107 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com