Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ-12HME-KHV-UC Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # LZ-12HME-KHV-UC
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZ-12HME-KHV-UC Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  LZ-12HME-KHV-UC Datasheet HTML 1Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 2Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 3Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 4Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 5Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 6Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 7Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 8Page - Fujitsu Component Limited. LZ-12HME-KHV-UC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
LZ SERIES
5 A Type
3 A Type
1 A Type
Item
LZ-( )HS, LZ( )HSE
LZ-( )S, LZ-( )SE
LZ-( )WS
Contact
Arrangement
1formA(SPST-NO)or1formC(SPDT)
Material
Goldoverlaysilvernickel
Silvernickel(LZ-HSE,SE)Goldoverlaysilver-palladium
Configuration
Single (crossbar)
Bifurcated(crossbar)
Resistance(initial)(at1A6VDC)
Maximum 70 mΩ (LZ-HS, S)
Maximum 100 mΩ (LZ-HSE, SE)
RatingResistive
MotorLoad
1/8HP120VAC1/10HP120VAC
MaximumCarryingCurrent
5A
1A
MaximumSwitchingPower
960VA,120W600VA,90W 190VA,30W
MaximumSwitchingVoltage
250VAC,150VDC
MaximumSwitchingCurrent
5A3A1A
MinimumSwitchingLoad*1
10 mA 5 VDC (LZ-HS, S)
0.1 mA 100 mVDC
100mA5VDC(LZ-HSE,SE)
Coil
NominalPower(at20°C)
330mW
OperatePower(at20°C)
140mW
OperatingTemperature
–30°Cto+80°C(nofrost)(refertotheCHARACTERISTICDATA)
TimeValue Operate(atnominalvoltage) Maximum7ms
Release(atnominalvoltage) Maximum4ms
Insulation
Resistance
Minimum 250 MΩ
Dielectricbetweenopencontacts
750VAC1minute
Strengthbetweencoilandcontacts 2,000VAC1minute
SurgeStrength
Standard type : 4,000 V (at 1.2 × 50 µs)
High surge strength type: 6,000 V (at 1.2× 50 µs)
Life
Mechanical
2 × 10 7operationsminimum
Electrical
1× 10 5operationsminimum(ratedload)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.3 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 3.3 mm)
ShockMisoperation
100m/s2(11±1ms)
ResistanceEndurance
1,000m/s2(6±1ms)
Weight
Approximately 7.7 g
n
SPECIFICATIONS
LZ-()SType(HighSensitiveType)
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
beforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expected reliability levels.
Maximum 50 mΩ
1A120VAC/30VDC
3A120VAC/30VDC
5A120VAC/24VDC


Similar Part No. - LZ-12HME-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-12HME-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Fujitsu Component Limit...
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com